|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Photo Reflector MTRS5750 Features High Reliability Compact Applications Card Reader Bar Code Reader Edge Sensing Money/Bill Reader Maximum Ratings (Ta=25 C) Characteristic Forward Current Pulsed Forward Current Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Soldering Temperature Symbol IF IFP VR PD Topr Tstg Tsol Max. 30 50.00 4 75.00 -20 ~ +80 -30 ~+100 260 Test Condition Unit - tw=10 S, T=10mS - - - - for 5 sec. max o o mA A V mW o C C o o C Opto-Electrical Characteristics (Ta=25 C) Characteristic Forward Voltage Reverse Current Light Current Dark Current Peak Sensitivity Wavelength Spectral Line Half Width Cross-Talk Rise Time Fall Time Symbol VF IR IL ID p IX Tr Tf Test Condition IF=20mA VR=4V IF=20mA,VR=10V.d=1mm* VR=10V IF=20mA IF=20mA IF=20mA,VR=10V VR=10V,IF=20mA,RL=1K VR=10V,IF=20mA,RL=1K Min - - - - - - - - - Typ 2.40 - .18 - 574 11 - 1000.00 1000.00 Max 2.80 10 - 100 - - 10 - - Unit V A A A nm nm % ns ns * Measured by reflecting with Aluminum evaporated mirror (d=1.00mm) Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 225 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 Photo Reflector MTRS5750 Graphs Company Headquarters 3 Northway Lane North Latham, New York 12110 Toll Free: 800.984.5337 Fax: 518.785.4725 Web: www.marktechopto.com | Email: info@marktechopto.com West Coast Sales Office 950 South Coast Drive, Suite 225 Costa Mesa, California 92626 Toll Free: 800.984.5337 Fax: 714.850.9314 |
Price & Availability of MTRS5750 |